Part Number Hot Search : 
1N6279 HMBT4125 HMBT4125 RS3BB 103IT LM134 3N262 GT20J101
Product Description
Full Text Search
 

To Download HY13N50FT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features ? low on-state resistance ? fast switching ? low gate charge & low c rss ? fully characterized avalanche voltage and current ? specially desigened for ac adapter, battery charger and smps ? in compliance with eu rohs 2002/95/ec directives mechanical information ? case: to-220ab / ito-220ab molded plastic ? terminals : solderable per mil-std-750,method 2026 marking & ordering information type marking package packing hy13n50t 13n50t to-220ab 50pcs/tube HY13N50FT 13n50ft ito-220ab 50pcs/tube absolute maximum ratings (t c =25c unless otherwise specified ) units v v t c =25 a a t c =25 w mj thermal characteristics units /w /w company reserves the right to improve product design hy13n50t / HY13N50FT 500v / 13a n-channel enhancement mode mosfet 500v, r ds(on) =0.52 w @v gs =10v, i d =6.5a parameter symbol hy13n50t HY13N50FT drain-source voltage v ds 500 gate-source voltage v gs + 30 continuous drain current i d 13 13 pulsed drain current 1) i dm 52 52 maximum power dissipation derating factor p d 183 1.47 52 0.42 avalanche energy with single pulse i as =13a, v dd =140v, l=7.5mh e as 633 operating junction and storage temperature range t j, t stg -55 to +150 note : 1. maximum dc current limited by the package parameter symbol hy13n50t HY13N50FT junction-to-case thermal resistance r q jc 0.68 2.4 junction-to-case thermal resistance r q ja 50 110 drain 1 source 2 gate 3 to - 220ab ito - 220ab 1 2 3 1 2 3 rev 1.0, 24 - sept - 2012 page.1
symbol min. typ. max. units bv dss 500 - - v v gs(th) 2.0 - 4.0 v r ds(on) - 0.44 0.52 w i dss - - 10 ua i gss - - + 100 na qg - 25.2 32 qgs - 6.8 - qgd - 7.6 - t d(on) - 26.8 32 t r - 32 42 t d(off) - 68 82 t f - 22.6 28 c iss - 1450 - c oss - 190 - c rss - 6.5 - i s - - 13 a i sm - - 52 a v sd - - 1.4 v t rr - 450 - ns q rr - 4.5 - uc note : pulse test : pulse width Q 300us, duty cycle Q 2% hy13n50t / HY13N50FT electrical characteristics ( t c =25 paramter test condition static drain-source breakdown voltage v gs =0v i d =250ua gate threshold voltage v ds =v gs i d =250ua drain-source on-state resistance v gs =10v i d =6.5a zero gate voltage drain current v ds =500v v gs =0v gate body leakage current v gs = + 30v v ds =0v dynamic total gate charge v ds =400v i d =13a v gs =10v nc gate-source charge gate-drain charge turn-on delay time v dd =250v i d =13a v gs =10v r g =25 w ns turn-on rise time turn-off delay time turn-off fall time i s =13a v gs =0v input capacitance v ds =25v v gs =0v f=1.0m hz pf output capacitance reverse transfer capacitance source-drain diode reverse recovery time v gs =0v i s =13a di/dt=100a/us reverse recovery charge max. diode forwad voltage - max. pulsed source current - diode forward voltage page.2 rev 1.0, 24 - sept - 2012
hy13n50t / HY13N50FT typical characteristics curves ( t c =25 , unless otherwise noted) 0 5 10 15 20 25 0 10 20 30 40 50 i d - drain - to - source current (a) v ds - drain - to - source voltage (v) 5.5v v gs = 20v~ 7.0v 5.0v 6.0v 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0 4 8 12 16 20 r ds(on) - on resistance( w ) i d - drain current (a) v gs = 20v v gs =10v 0 500 1000 1500 2000 2500 3000 0 5 10 15 20 25 30 c - capacitance (pf) v ds - drain - to - source voltage (v) ciss f = 1mhz v gs = 0v crss coss 0 0.3 0.6 0.9 1.2 1.5 4 5 6 7 8 9 10 r ds(on) - on resistance( w ) v gs - gate - to - source voltage (v) i d =6.5a 0.1 1 10 100 1 2 3 4 5 6 7 8 9 i d - drain source current (a) v gs - gate - to - source voltage (v) v ds =50v t j = 125 o c 25 o c - 55 o c fig.1 output characteristric 0 2 4 6 8 10 12 0 5 10 15 20 25 v gs - gate - to - source voltage (v) q g - gate charge (nc) i d =13a v ds =400v v ds =250v v ds =100v fig.2 transfer characteristric fig.3 on - resistance vs drain current fig.4 on - resistance vs gate to source voltage fig.5 capacitance characteristic fig.6 gate charge characteristic page.3 rev 1.0, 24 - sept - 2012
hy13n50t / HY13N50FT typical characteristics curves ( t c =25 , unless otherwise noted) 0.8 0.9 1 1.1 1.2 - 50 - 25 0 25 50 75 100 125 150 bv dss - breakdown voltage (normalized) t j - junction temperature ( o c) i d = 250 m a 0.01 0.1 1 10 100 0.2 0.4 0.6 0.8 1 1.2 i s - source current (a) v sd - source - to - drain voltage (v) t j = 125 o c 25 o c v gs = 0v - 55 o c 0 0.5 1 1.5 2 2.5 - 50 - 25 0 25 50 75 100 125 150 r ds(on) - on - resistance (normalized) t j - junction temperature ( o c) v gs =10 v i d =6.5a fig.7 on - resistance vs junction temperature fig.8 breakdown voltage vs junction temperature fig.9 body diode forward voltage characteristic page.4 rev 1.0, 24 - sept - 2012


▲Up To Search▲   

 
Price & Availability of HY13N50FT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X